Part Number Hot Search : 
G4PH50S CTDO1 7D271 HN3A51F M800H HN3A51F 1N5819 16080
Product Description
Full Text Search
 

To Download LBT07067 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 4MHz Bandwidth
Part Number: LBT07067
www. sipatsaw.com
SIPAT Co., Ltd.
Features
For IF SAW filter High attenuation Single-ended operation Dual In-line Package RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Center Frequency Insertion Loss 1 dB Bandwidth 1.5 dB Bandwidth 3 dB Bandwidth 40 dB Bandwidth 50 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection(f04MHz) Material Temperature coefficient Substrate Material Ambient Temperature Operating Temperature Range Storage Temperature Range DC Voltage Input Power ESD Class Package Size Notes: 1. 2. All specifications are based on the test circuit shown; In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature; 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; 4. This is the optimum impedance in order to achieve the performance show.
Unit
MHz dB MHz MHz MHz MHz MHz dB usec dB KHz/C C C C V dBm -
Minimum
69.9 3.84 50
Typical
70 26.6 3.93 4.01 4.16 4.91 4.97 0.8 3.97 58 -1.26 112LT 25
Maximum
70.1 28.5 5.2 1 -
-40 -45
0
+85 +105
-
1A
10
DIP3512 (35.0x12.8x4.7mm3)
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBT07067 2008-05-09 2.0 Page 1/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 4MHz Bandwidth
Part Number: LBT07067
www. sipatsaw.com
SIPAT Co., Ltd.
Matching Configuration
L1 L2
L1=150nH L2=120nH
OUTPUT 50 C2
Notes - Component values may change depending on board layout.
INPUT 50 C1
C1=82pF
C2=47pF
Source/Load Impedance=50 ohm
Package Dimension
35.00 0.5
Pad Configuration:
SIPAT LBT07067 XXYYZZ
Input Output
1 5
12.80 0.5 4.7 4.5
Ground All Others
Marking Configuration: 1) SIPAT: Manufacturer Name 2) LBT07067: Part Number 3) XXYY: Date(Year/month) 4) ZZ: Identified Code
0.45 0.05 2.54 0.2 7.62 0.2
3 6
Package: DIP3512
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
2 1
4 5
25.40 0.2
2.54 0.2
Unit: mm
Part Number Rev. Date Ver.
LBT07067 2008-05-09 2.0 Page 2/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 4MHz Bandwidth
Part Number: LBT07067
www. sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type Performance -16.6065 -25.1065
Passband Respond
-26.6065 -25.6065
-36.6065 -26.1065 -46.6065
-26.6065 -56.6065 Magnitude(dB)
-66.6065
-27.1065
-76.6065 -27.6065
-86.6065 -28.1065 -96.6065
-28.6065 -106.6065
-116.6065 60
62
64
66
68
70 Frequency(MHz)
72
74
76
78
80
67
68
69
70
71
72
73
Horizontal: 2MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f01.5MHz)
Type Performance 4300 15 4200 10 4100
X: 70 Y: 4013 X: 71.5 Y: 3949
Phase Linearity(f01.5MHz)
Type Performance
5
X: 71.5 Y: 0.9107 X: 70 Y: -0.8015
4000 Group Delay Time(ns)
X: 68.5 Y: 3991
X: 68.5 Y: -0.3444
0 Degree(deg)
3900
-5
3800
-10
3700
-15
3600
-20
-25 3500 67 68 69 70 Frequency(MHz) 71 72 73 67 68 69 70 Frequency(MHz) 71 72 73
Horizontal: 1MHz/Div
Vertical: 100ns/Div
Horizontal: 1MHz/Div
Vertical: 5deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
0.0
5.0
0.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBT07067 2008-05-09 2.0 Page 3/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBT07067

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X